PART |
Description |
Maker |
IRF5N3205 |
55V Single N-Channel Hi-Rel MOSFET in a SMD-1 package POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.008ohm, Id=55A*) SURFACE MOUNT (SMD-1) 55V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=55V/ Rds(on)=0.008ohm/ Id=55A*)
|
IRF[International Rectifier]
|
IRFZ24L IRFZ24NS IRFZ24NSTRR IRFZ24NSTRL IRFZ24NL |
(159.21 k) 59.21十一 Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A) 功率MOSFET(减振钢板基本\u003d 55V的,的Rds(on)\u003d 0.07ohm,身份证\u003d 17A条) 55V,17A,N-Channel HEXFET Power MOSFET(55V,17A,N沟道 HEXFET功率MOS场效应管) 55V的,17A条,N沟道HEXFET功率MOSFET5V的,17A条,沟道的HEXFET功率马鞍山场效应管) 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFL4105 IRFL4105TR |
3.7 A, 55 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=3.7A) 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
IRF[International Rectifier]
|
IRFL014N |
55V,1.9A, N-Channel HEXFET Power MOSFET(55V,1.9A,N沟道 HEXFET 功率MOS场效应管) 55V的,1.9AN沟道HEXFET功率MOSFET5V的,1.9A沟道的HEXFET功率马鞍山场效应管) Power MOSFET(Vdss=55V, Rds(on)=0.16ohm, Id=1.9A) Power MOSFET(Vdss=55V Rds(on)=0.16ohm Id=1.9A)
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFIZ48N IRFIZ48 IRFIZ48NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=36A)
|
IRF[International Rectifier]
|
IRFZ44Z IRFZ44ZL IRFZ44ZS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=55V, Rds(on)=13.9mohm, Id=51A)
|
IRF[International Rectifier]
|
AM29F400AB-150FEB AM29F400AT-150FE AM29F400AT-150S |
55V Single N-Channel HEXFET Power MOSFET in a D2Pak Package; A IRF3205ZS with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB3307 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1010ZL with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF1010Z with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3707 with Standard Packaging x8/x16 Flash EEPROM 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF1407 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU120N with Standard Packaging x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc.
|
NP84N055EHE NP84N055CHE |
TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 84A I(D) | TO-263AB TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 84A I(D) | TO-220AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 84A条(丁)| TO - 220AB现有
|
NEC, Corp.
|
IRFU4105Z IRFR4105Z |
55V Single N-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vds=55V, Rds(on)=24.5mohm, Id=30A) 功率MOSFET(讥\u003d 55V的,的Rds(on)\u003d 24.5mohm,身份证\u003d 30A条) Power MOSFET(Vds=55V / Rds(on)=24.5mohm / Id=30A) 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFZ48Z IRFZ48ZL IRFZ48ZS |
55V Single N-Channel HEXFET Power MOSFET in a TO-262 package 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package AUTOMOTIVE MOSFET
|
IRF[International Rectifier]
|
IRF1010Z IRF1010ZL IRF1010ZS |
55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package AUTOMOTIVE MOSFET
|
IRF[International Rectifier]
|